PART |
Description |
Maker |
IDT74CBTLV16214 |
LOW-VOLTAGE 12-BIT 3:1 MUX / DEMUX BUS SWITCH
|
IDT
|
MAX4691EBET MAX4692EBET MAX4693EBET MAX4694EBET MA |
Low-Voltage 8:1 Mux/Dual 4:1 Mux/Triple SPDT/ Quad SPDT in UCSP Package
|
Maxim Integrated Products Maxim Integrated Produc...
|
ADG774ABCPZ-REEL ADG774ABRQ ADG774ABRQ-REEL ADG774 |
Low Voltage 400 Mhz Quad 2:1 MUX with 3 nS Switching Time; Package: LFCSP:LEADFRM CHIP SCALE; No of Pins: 16; Temperature Range: Industrial QUAD 2-CHANNEL, SGL ENDED MULTIPLEXER, QCC16 Low Voltage, 400 MHz, Quad 2:1 Mux with 3 ns Switching Time Low Voltage 400 Mhz Quad 2:1 MUX with 3 nS Switching Time; Package: QSOP; No of Pins: 16; Temperature Range: Industrial
|
Analog Devices, Inc. ANALOG DEVICES INC
|
MAX6341CPA MAX6341CSA MAX6341EPA MAX6341ESA MAX634 |
Stereo 2-W Audio Power Amp with 4 Selectable Gain Settings and MUX Control 24-HTSSOP -40 to 85 1ppm/C / Low-Noise / 2.5V/ 4.096V/ 5V Voltage References 1ppm/C, Low-Noise, 2.5V/ 4.096V/ 5V Voltage References 1ppm/∑C, Low-Noise, 2.5V/ 4.096V/ 5V Voltage References 1ppm/C Low-Noise 2.5V/ 4.096V/ 5V Voltage References 1ppm/°C, Low-Noise, 2.5V/ 4.096V/ 5V Voltage References 1ppm/??, Low-Noise, 2.5V/ 4.096V/ 5V Voltage References From old datasheet system
|
Maxim Integrated Products, Inc. MAXIM[Maxim Integrated Products] Maixm MAXIM - Dallas Semiconductor
|
PI3CH360 |
Low Voltage, High-Bandwidth, 3-Channel 2:1 Mux/DeMux, NanoSwitch
|
Pericom Semiconductor Corp.
|
PI3CH360Q PI3CH360ZHE PI3CH360 PI3CH360L PI3CH360L |
Low Voltage, High-Bandwidth, 3-Channel 2:1 Mux/DeMux, NanoSwitch
|
PERICOM[Pericom Semiconductor Corporation]
|
PI3CH480 |
Low Voltage, High-Bandwidth, 4-Channel 2:1 Mux/Demux, NanoSwitch
|
Pericom Semiconductor Corp.
|
SY10E155 SY10E155JC SY10E155JCTR SY100E155JC SY100 |
6-BIT 2:1 MUX-LATCH 100E SERIES, LOW LEVEL TRIGGERED D LATCH, TRUE OUTPUT, PQCC28 6-BIT 2:1 MUX-LATCH 10E SERIES, LOW LEVEL TRIGGERED D LATCH, TRUE OUTPUT, PQCC28
|
Micrel Semiconductor, Inc. MICREL[Micrel Semiconductor]
|
PI5L100 PI5L100L PI5L100LE PI5L100Q PI5L100QE PI5L |
Wide Bandwidth Low Voltage LanSwitch Quad 2:1 Mux/Demux 宽带低电压LanSwitch2:1复用/解复
|
Pericom Technology Pericom Semiconductor Corporation Pericom Semiconductor, Corp.
|
PI3CH281Z_E PI3CH281 PI3CH281L PI3CH281LE PI3CH281 |
Low Voltage, High Bandwidth, 2-Channel, 4:1 Mux/DeMux, NanoSwitch with Single Enable
|
Pericom Semiconductor Corp. PERICOM[Pericom Semiconductor Corporation]
|
74LVTH322245G 74LVT322245G 74LVTH322245 74LVT32224 |
Low Voltage 32-Bit Transceiver with 3-STATE Outputs and 25-Ohm Series Resistors in A Port Outputs Low Voltage 32-Bit Transceiver with 3-STATE Outputs and 25 Ohm Series Resistors in A Port Outputs Low Voltage 32-Bit Transceiver with 3-STATE Outputs and 25 Series Resistors in A Port Outputs Low Voltage 32-Bit Transceiver with 3-STATE Outputs and 25з Series Resistors in A Port Outputs LVT SERIES, QUAD 8-BIT TRANSCEIVER, TRUE OUTPUT, PBGA96 Low Voltage 32-Bit Transceiver with 3-STATE Outputs and 25蟹 Series Resistors in A Port Outputs 16K SPI 2K X 8, 32B PAGE, 2.5V SER EE, -40C to 85C, 8-TSSOP, TUBE
|
FAIRCHILD[Fairchild Semiconductor] Fairchild Semiconductor, Corp. FAIRCHILD SEMICONDUCTOR CORP
|